ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal in put voltage, full load and +25c after warm-up time unless otherwise stated. model no. ( single output ) MSC60-5s MSC60-9s MSC60-12s MSC60-15s MSC60-24s max output wattage ( w ) 51w 60w voltage 90-264 vac or 120-370 vdc frequency (hz) 47-440 hz current (full load) 2 a max. (115 vac) / 1 a max. (230 vac) inrush current (<2ms) 55 a max. (115 vac) / 95 a max. (230 vac) leakage current < 0.1ma / 264 vac (touch current) input external fuse (recommend) 3.15 a slow blow type voltage (v.dc.) 5.1v 9v 12v 15v 24v voltage set accuracy 2% current (ma) max 10,000 6666 5000 4000 2500 maximum capacitive load (at 230 vac) 10000uf 5000uf 5000uf 4000uf 2000uf line regulation (typ.) 0.5% load regulation (1-100%) (typ.) 1.5% 1% ripple & noise (max) 100mv (vp-p) 1% of vout efficiency (at 230 vac) 86% 87% 88% 86% 87% output hold-up time 10 ms min. over current protection automatic recovery over voltage protection zener diode clamp protection short circuit protection automatic recovery isolation input-output (v.ac) 4000v operating temperature -40c?+80c (case temperature max. +95c) storage temperature -40c?+90c temperature coefficient 0.05%/c altitude during operation 5000m humidity up to 95% rh mtbf 200,000 h~400,000 h @ 25c environment atmospheric pressure 70 kpa to 106 kpa dimension (l x w x h) 3.5 x 2.5 x 1.06 inches ( 89.0 x 63.5 x 27.0 mm ) tolerance ? 0.5 mm case material plastic resin + fiberglass (flammability to ul 94v-0) weight 280 g physical cooling method free air convection key features ? switching power modules for pcb mounting ? fully encapsulated plastic case ? universal input range 90-264vac ? low standby <0.3w ? regulated output ? low ripple and noise ? isolation class ii ? screw terminal and din rail kit for optional ? ce, cb, ul, cul approvals ? 3-year product warranty (pending)
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- electrical specifications all specifications valid at normal in put voltage, full load and +25c after warm-up time unless otherwise stated. model no. ( single output ) MSC60-5s MSC60-9s MSC60-12s MSC60-15s MSC60-24s safety approval cul/ul 60950-1, ansi/aami es 60601-1: 2005, 1st edition and can/csa-c22.2 no. 60601-1:08, 2nd edition, 2xmopp (pending) conducted and radiated emi en55011 (pending) esd en61000-4-2 air 8kv , contact 4kv pending radiated immunity en61000-4-3 10v/m pending fast transient en61000-4-4 2kv pending surge en61000-4-5 1kv pending conducted immunity en61000-4-6 10vrms pending pfmf en61000-4-8 30a/m pending dips en61000-4-11 30% 10ms pending emc interruption en61000-4-11 >95% 5000ms pending note 1. this product is not designed for use in critical life suppor t systems, equipment used in hazardous environment, nuclear control systems or other such applications wh ich necessitate specific safety and regulatory standards other the ones listed in this datasheet. 2. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 3. safety approvals cover frequency 47-63 hz. 4. that ?natural convection? is about 20lfm but is not equal to still air (0 lfm). 5. it's recommended to add varistor 14s471k at l / n input side in parallel. 6. please refer to our pdf file "ac-dc applic ation" on our website: www.archcorp.com.tw mechanical dimension ( top view ) pin# single 1 ac in (l) 2 ac in (n) 3 +dc out 4 no pin 5 -dc out 6 no pin 7 no connect
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -3- derating block diagram
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -4- screw terminal MSC60-a2 pin# single 1 no connect 2 ac in (l) 3 ac in (n) 4 +dc out 5 no connect 6 -dc out 7 no connect 8 no connect din rail kit MSC60-a2-dn
|